? coilcraft, inc. 2005 specifications subject to change without notice. please check our website for latest information. chip inductors C 0805cs series (2012) document 100-1 document 100-1 revised 02/09/05 these compact inductors provide exceptional q values, even at high frequencies. they have a ceramic body and wire wound construction to provide the highest srfs available in 0805 size. coilcraft designer?s kit c103 contains samples of all 5% inductance tolerance parts. kits with 2% tolerance are also available. to order, contact coilcraft or pur- chase on-line at http://order.coilcraft.com. inductance 2 percent srf typ 5 dcr max 6 i rms 7 color part number 1 (nh) tolerance 3 q min 4 (mhz) (ohms) (ma) code 0805cs-020x_b_ 2.8 @ 250 mhz 5 80 @ 1500 mhz 12200 0.06 800 gray 0805cs- 3n0x_b_ 3.0 @ 250 mhz 5 65 @ 1500 mhz 12200 0.06 800 white 0805cs-030x_b_ 3.3 @ 250 mhz 5 50 @ 1500 mhz 12200 0.08 600 black 0805cs-050x_b_ 5.6 @ 250 mhz 5 65 @ 1000 mhz 5900 0.08 600 orange 0805cs-060x_b_ 6.8 @ 250 mhz 5 50 @ 1000 mhz 5600 0.11 600 brown 0805cs-070x_b_ 7.5 @ 250 mhz 5 50 @ 1000 mhz 4800 0.14 600 green 0805cs-080x_b_ 8.2 @ 250 mhz 5,2 50 @ 1000 mhz 4400 0.12 600 red 0805cs-100x_b_ 10 @ 250 mhz 5,2 60 @ 500 mhz 4300 0.10 600 blue 0805cs-120x_b_ 12 @ 250 mhz 5,2 50 @ 500 mhz 4000 0.15 600 orange 0805cs-150x_b_ 15 @ 250 mhz 5,2 50 @ 500 mhz 3200 0.17 600 yellow 0805cs-180x_b_ 18 @ 250 mhz 5,2 50 @ 500 mhz 3100 0.20 600 green 0805cs-220x_b_ 22 @ 250 mhz 5,2 55 @ 500 mhz 2600 0.22 500 blue 0805cs-240x_b_ 24 @ 250 mhz 5,2 50 @ 500 mhz 2400 0.22 500 gray 0805cs-270x_b_ 27 @ 250 mhz 5,2 55 @ 500 mhz 2580 0.25 500 violet 0805cs-330x_b_ 33 @ 250 mhz 5,2, 1 60 @ 500 mhz 2150 0.27 500 gray 0805cs-360x_b_ 36 @ 250 mhz 5,2, 1 55 @ 500 mhz 1900 0.27 500 orange 0805cs-390x_b_ 39 @ 250 mhz 5,2, 1 60 @ 500 mhz 2000 0.29 500 white 0805cs-430x_b_ 43 @ 200 mhz 5,2, 1 60 @ 500 mhz 1800 0.34 500 yellow 0805cs-470x_b_ 47 @ 200 mhz 5,2, 1 60 @ 500 mhz 1700 0.31 500 black 0805cs-560x_b_ 56 @ 200 mhz 5,2, 1 60 @ 500 mhz 1600 0.34 500 brown 0805cs-680x_b_ 68 @ 200 mhz 5,2, 1 60 @ 500 mhz 1500 0.38 500 red 0805cs-820x_b_ 82 @ 150 mhz 5,2, 1 65 @ 500 mhz 1330 0.42 400 orange 0805cs-910x_b_ 91 @ 150 mhz 5,2, 1 65 @ 500 mhz 1330 0.48 400 black 0805cs-101x_b_ 100 @ 150 mhz 5,2, 1 65 @ 500 mhz 1250 0.46 400 yellow 0805cs-111x_b_ 110 @ 150 mhz 5,2 50 @ 250 mhz 1100 0.48 400 brown 0805cs-121x_b_ 120 @ 150 mhz 5,2, 1 50 @ 250 mhz 1100 0.51 400 green 0805cs-151x_b_ 150 @ 100 mhz 5,2, 1 50 @ 250 mhz 920 0.56 400 blue 0805cs-181x_b_ 180 @ 100 mhz 5,2, 1 50 @ 250 mhz 920 0.64 400 violet 0805cs-221x_b_ 220 @ 100 mhz 5,2 50 @ 250 mhz 820 0.70 400 gray 0805cs-241x_b_ 240 @ 100 mhz 5,2 44 @ 250 mhz 770 1.00 350 red 0805cs-271x_b_ 270 @ 100 mhz 5,2 48 @ 250 mhz 730 1.00 350 white 0805cs-331x_b_ 330 @ 100 mhz 5,2 48 @ 250 mhz 650 1.40 310 black 0805cs-391x_b_ 390 @ 100 mhz 5,2 48 @ 250 mhz 600 1.50 290 brown 0805cs-471x_b_ 470 @ 50 mhz 5,2 33 @ 100 mhz 375 1.76 250 violet 0805cs-561x_b_ 560 @ 25 mhz 5,2 23 @ 50 mhz 330 1.90 230 orange 0805cs-681x_b_ 680 @ 25 mhz 5,2 23 @ 50 mhz 310 2.20 190 green 0805cs-821x_b_ 820 @ 25 mhz 5,2 23 @ 50 mhz 310 2.35 180 blue 1. when ordering, please specify tolerance and packaging codes: 0805cs-821x g b c tolerance: f =1% g = 2% j = 5% (table shows stock tolerances in bold.) packaging: c =7 machine-ready reel. eia-481 embossed plastic tape (2000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d =13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (7500 parts per full reel). 2. inductance measured using a coilcraft smd-a fixture in an agilent/ hp 4286a impedance analyzer with coilcraft-provided correlation pieces. 3. tolerances in bold are stocked for immediate shipment. 4. q measured using an agilent/hp 4291a with an agilent/hp 16193 test fixture. 5 srf measured using an agilent/hp 8720d network analyzer and a coilcraft smd-d test fixture. 6. dcr measured on a cambridge technology micro-ohmmeter and a coilcraft ccf858 test fixture. 7. average current for a 15c rise above 25c ambient. 8. operating temperature range ? 40c to +125c. 9. electrical specifications at 25c. see qualification standards section for environmental and test data.
? coilcraft, inc. 2005 0805cs series (2012) specifications subject to change without notice. please check our website for latest information. document 100-2 document 100-2 revised 12/28/04 typical q vs frequency typical l vs frequency i i j h a b overall f g e terminal f c d terminal wraparound: approx 0.015/0,38 both ends recommended land pattern a max b max c max d ref e f g h i j 0.090 0.068 0.060 0.020 0.050 0.020 0.040 0.070 0.040 0.030 2,29 1,73 1,52 0,51 1,27 0,51 1,02 1,78 1,02 0,76 1 10 100 1000 10 100 1000 inductance (h) frequency (mhz) 220 nh 100 nh 39 nh 15 nh 3.3 nh 12 nh 6.8 nh 3.3 nh 22 nh 39 nh 68 nh 120 nh 270 nh 100 90 80 70 60 50 40 30 20 10 0 10 100 frequency (mhz) q factor 1000 10,000 weight: 10.2 ? 11.6 mg terminations: platinum/palladium/silver tape and reel: 2000/7 reel; 7500/13 reel 8 mm tape width for packaging data see tape and reel specifications section.
|